PART |
Description |
Maker |
KTY84-152 KTY84-151 KTY84-150 KTY84-130 KTY84-1 KT |
Silicon temperature sensors SPECIALTY ANALOG CIRCUIT Silicon temperature sensors(硅元素温度传感器)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BZG03_3 BZG03-C20T/R BZG03-C91/T3 BZG03-C91T/R BZG |
36 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 240 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 24 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 47 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 10 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 180 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 110 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: QSOP; No of Pins: 24; Temperature Range: Industrial 120 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: None Available; No of Pins: 24; Temperature Range: Industrial 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 11 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 16 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 18 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 1 Amp Synchronous, Step-Down DC-to-DC Converter; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: Industrial 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 270 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 91 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 From old datasheet system
|
NXP Semiconductors N.V.
|
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
Q62901-B80 KTY19- KTY19-6M KTY19-6Z Q62705-K271 Q6 |
Silicon Spreading Resistance Temperature Sensor in Robust Threaded Metal Housing SPECIALTY ANALOG CIRCUIT UCC289x Current Mode Active Clamp PWM Controller 16-SOIC -40 to 85 -Silicon Spreading Resistance Temperature Sensor in Robust Threaded Metal Housing
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
DN |
NTC Thermistors, Applications Include: Temperature Measurement, Temperature Control, Inrush Current Limiting, Temperature Compensation, Sensing Liquid Level or Air Flow
|
Vishay
|
SD275SCU100B |
SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200∑C Operating Temperature 120 A, SILICON, RECTIFIER DIODE
|
Sensitron Semiconductor
|
MP3H6115AC6U MP3H6115AC6T1 MP3H6115A6T1 MP3H6115A6 |
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
|
FREESCALE[Freescale Semiconductor, Inc]
|
KTY82120 KTY82121 KTY82122 KTY82110 KTY82210 KTY82 |
Silicon temperature sensors
|
NXP Semiconductors
|
KTY83_110 KTY83_120 KTY83_151 KT83A KT83C KT83D KT |
Silicon temperature sensors
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
|